Part Number Hot Search : 
SII141 CONTROLS SP8793 SPCA711A MTD20 BAW56W TSFF5200 MN347H
Product Description
Full Text Search
 

To Download MUR1615CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2004 december, 2004 ? rev. 4 1 publication order number: mur1620ct/d mur1610ct, MUR1615CT, mur1620ct, mur1640ct, mur1660ct switchmode  power rectifiers this series is designed for use in switching power supplies, inverters and as free wheeling diodes, these state?of?the?art devices have the following features: features ? ultrafast 35 and 60 nanosecond recovery times ? 175 c operating junction temperature ? popular to?220 package ? epoxy meets ul 94 v?0 @ 0.125 in ? high temperature glass passivated junction ? high voltage capability to 600 volts ? low leakage specified @ 150 c case temperature ? current derating @ both case and ambient temperatures ? pb?free packages are available* mechanical characteristics ? case: epoxy, molded ? weight: 1.9 grams (approximately) ? finish: all external surfaces corrosion resistant and terminal leads are readily solderable ? lead temperature for soldering purposes: 260 c max. for 10 seconds ? shipped 50 units per plastic tube *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. to?220ab case 221a plastic 3 4 1 ultrafast rectifiers 8.0 amperes 100?600 volts 1 3 2, 4 2 marking diagram see detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet. ordering information u16xx a = assembly location y = year w = work week u16 = device code xx = 10, 15, 20, 40, or 60 aka = location code aka a yw http://onsemi.com
mur1610ct, MUR1615CT, mur1620ct, mur1640ct, mur1660ct http://onsemi.com 2 maximum ratings mur16 rating symbol 10ct 15ct 20ct 40ct 60ct unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 100 150 200 400 600 v average rectified forward current per leg total device, (rated v r ), t c = 150 c total device i f(av) 8.0 16 a peak rectified forward current per diode leg (rated v r , square wave, 20 khz), t c = 150 c i fm 16 a nonrepetitive peak surge current (surge applied at rated load conditions halfwave, single phase, 60 hz) i fsm 100 a operating junction temperature and storage temperature t j , t stg  65 to +175 c maximum ratings are those values beyond which device damage can occur. maximum ratings applied to the device are individual str ess limit values (not normal operating conditions) and are not valid simultaneously. if these limits are exceeded, device functional operation i s not implied, damage may occur and reliability may be affected. thermal characteristics (per diode leg) maximum thermal resistance, junction?to?case r  jc 3.0 2.0 c/w electrical characteristics (per diode leg) maximum instantaneous forward voltage (note 1) (i f = 8.0 amps, t c = 150 c) (i f = 8.0 amps, t c = 25 c) v f 0.895 0.975 1.00 1.30 1.20 1.50 v maximum instantaneous reverse current (note 1) (rated dc voltage, t c = 150 c) (rated dc voltage, t c = 25 c) i r 250 5.0 500 10  a maximum reverse recovery time (i f = 1.0 amp, di/dt = 50 amps/  s) (i f = 0.5 amp, i r = 1.0 amp, i rec = 0.25 amp) t rr 35 25 60 50 ns 1. pulse test: pulse width = 300  s, duty cycle 2.0% ordering information device package shipping 2 mur1610ct to?220 50 units / rail MUR1615CT to?220 50 units / rail mur1620ct to?220 50 units / rail mur1620ctg to?220 (pb?free) 50 units / rail mur1640ct to?220 50 units / rail mur1640ctg to?220 (pb?free) 50 units / rail mur1660ct to?220 50 units / rail mur1660ctg to?220 (pb?free) 50 units / rail 2for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
mur1610ct, MUR1615CT, mur1620ct, mur1640ct, mur1660ct http://onsemi.com 3 mur1610ct, MUR1615CT, mur1620ct figure 1. typical forward voltage, per leg v f, instantaneous voltage (volts) 0.3 0.6 0.4 0.8 30 0.1 0.3 0.2 2.0 1.0 100 20 7.0 0.7 3.0 0.5 5.0 50 , instantaneous forward current (amps) f 0.9 v r , reverse voltage (volts) 060 40 100 120 400 800 0.08 0.04 0.02 8.0 4.0 2.0 200 40 20 80 t j = 175 c i r 20 80 200 figure 2. typical reverse current, per leg* t a , ambient temperature ( c) 020 2.0 4.0 i f(av) 0 6.0 8.0 10 12 14 40 60 80 100 120 140 160 180 200 t c , case temperature ( c) 140 155 150 0 2.0 1.0 3.0 5.0 4.0 10 7.0 6.0 i 145 180 figure 3. current derating, case, per leg figure 4. current derating, ambient, per leg 0 2.0 1.0 2.0 3.0 4.0 10 0 4.0 6.0 8.0 10 i f(av) , average forward current (amps) p f(av) figure 5. power dissipation, per leg 0.5 0.7 10 70 1.0 1.1 1.2 100 c t j = 175 c 25 c 160 180 140 0.8 0.4 0.2 , reverse current ( a)  100 c 25 c 160 175 170 165 9.0 8.0 * the curves shown are typical for the highest voltage device in the voltage grouping. typical reverse current for lower voltage selections can be estimated from these same curves if v r is sufficiently below rated v r . , average power dissipation (watts) square wave dc , average forward current (amps) t j = 175 c dc square wave i 1.0 3.0 5.0 7.0 9.0 5.0 6.0 7.0 8.0 9.0 rated v r applied , average power dissipation (watts) f(av) square wave dc square wave dc 0.2 r  ja = 16 c/w r  ja = 60 c/w (no heatsink)
mur1610ct, MUR1615CT, mur1620ct, mur1640ct, mur1660ct http://onsemi.com 4 mur1640ct figure 6. typical forward voltage, per leg v f, instantaneous voltage (volts) 0.8 0.4 1.2 30 0.1 0.3 0.2 2.0 1.0 100 20 7.0 1.0 3.0 0.5 5.0 50 , instantaneous forward current (amps) f 1.4 v r , reverse voltage (volts) 0 150 100 250 300 40 80 0.8 0.4 0.2 20 4.0 2.0 8.0 t j = 175 c i r 50 200 500 figure 7. typical reverse current, per leg* t a , ambient temperature ( c) 020 2.0 4.0 i f(av) 0 6.0 8.0 10 12 14 40 60 80 100 120 140 160 180 200 t c , case temperature ( c) 140 155 150 0 2.0 1.0 3.0 5.0 4.0 10 7.0 6.0 i 145 180 figure 8. current derating, case, per leg figure 9. current derating, ambient, per leg 0 2.0 1.0 2.0 3.0 4.0 10 0 4.0 6.0 8.0 10 i f(av) , average forward current (amps) p f(av) figure 10. power dissipation, per leg 0.6 0.7 10 70 1.6 100 c 25 c 400 450 350 0.08 0.04 0.02 , reverse current ( a)  100 c 25 c 160 175 170 165 9.0 8.0 * the curves shown are typical for the highest voltage device in the voltage grouping. typical reverse current for lower voltage selections can be estimated from these curves if v r is sufficiently below rated v r . r  ja = 16 c/w r  ja = 60 c/w (no heatsink) , average power dissipation (watts) square wave dc , average forward current (amps) t j = 175 c dc square wave i 1.0 3.0 5.0 7.0 9.0 5.0 6.0 7.0 8.0 9.0 rated v r applied , average power dissipation (watts) f(av) square wave dc square wave dc 400 800 200 150 c t j = 175 c
mur1610ct, MUR1615CT, mur1620ct, mur1640ct, mur1660ct http://onsemi.com 5 mur1660ct figure 11. typical forward voltage, per leg v f, instantaneous voltage (volts) 1.0 0.6 1.2 30 0.1 0.3 0.2 2.0 1.0 100 20 7.0 3.0 0.5 5.0 50 , instantaneous forward current (amps) f 1.4 v r , reverse voltage (volts) 100 200 400 40 80 0.8 0.4 0.2 20 4.0 2.0 8.0 t j = 150 c i r 300 600 figure 12. typical reverse current, per leg* t a , ambient temperature ( c) 020 2.0 3.0 i f(av) 0 6.0 7.0 8.0 9.0 10 40 60 80 100 120 140 160 180 200 t c , case temperature ( c) 140 155 150 0 2.0 1.0 3.0 5.0 4.0 10 7.0 6.0 i 145 180 figure 13. current derating, case, per leg figure 14. current derating, ambient, per leg 0 2.0 1.0 2.0 3.0 4.0 14 0 4.0 6.0 8.0 10 i f(av) , average forward current (amps) p f(av) figure 15. power dissipation, per leg 0.8 0.7 10 70 1.6 1.8 100 c t j = 150 c 25 c 500 0.08 0.04 0.02 , reverse current ( a)  100 c 25 c 160 175 170 165 9.0 8.0 * the curves shown are typical for the highest voltage device in the voltage grouping. typical reverse current for lower voltage selections can be estimated from these same curves if v r is sufficiently below rated v r . , average power dissipation (watts) square wave dc , average forward current (amps) t j = 175 c dc square wave i 1.0 3.0 5.0 7.0 9.0 5.0 6.0 7.0 8.0 9.0 rated v r applied , average power dissipation (watts) f(av) square wave dc square wave dc 0.4 r  ja = 16 c/w r  ja = 60 c/w (no heatsink) 10 11 12 13 1.0 4.0 5.0 400 800 200
mur1610ct, MUR1615CT, mur1620ct, mur1640ct, mur1660ct http://onsemi.com 6 0.01 0.02 0.05 0.1 0.2 0.5 1.0 0.01 0.02 0.05 0.1 0.2 0.5 1.0 2.0 5.0 10 20 50 100 200 500 1000 t, time (ms) figure 16. thermal response d = 0.5 0.05 single pulse p (pk) t 1 t 2 duty cycle, d = t 1 /t 2 z  jc(t) = r(t) r  jc d curves apply for power pulse train shown read time at t 1 t j(pk) - t c = p (pk) z  jc(t) r(t), transient thermal resistance (normalized) 1000 10 30 100 300 1.0 10 100 v r , reverse voltage (volts) figure 17. typical capacitance, per leg c, capacitance (pf) t j = 25 c mur1620ct thru 1660ct mur1605ct thru 1615ct 0.1 0.01
mur1610ct, MUR1615CT, mur1620ct, mur1640ct, mur1660ct http://onsemi.com 7 package dimensions to?220 three?lead to?220ab case 221a?09 issue aa notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension z defines a zone where all body and lead irregularities are allowed. dim min max min max millimeters inches a 0.570 0.620 14.48 15.75 b 0.380 0.405 9.66 10.28 c 0.160 0.190 4.07 4.82 d 0.025 0.035 0.64 0.88 f 0.142 0.147 3.61 3.73 g 0.095 0.105 2.42 2.66 h 0.110 0.155 2.80 3.93 j 0.018 0.025 0.46 0.64 k 0.500 0.562 12.70 14.27 l 0.045 0.060 1.15 1.52 n 0.190 0.210 4.83 5.33 q 0.100 0.120 2.54 3.04 r 0.080 0.110 2.04 2.79 s 0.045 0.055 1.15 1.39 t 0.235 0.255 5.97 6.47 u 0.000 0.050 0.00 1.27 v 0.045 --- 1.15 --- z --- 0.080 --- 2.04 b q h z l v g n a k f 123 4 d seating plane ?t? c s t u r j
mur1610ct, MUR1615CT, mur1620ct, mur1640ct, mur1660ct http://onsemi.com 8 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800?282?9855 toll free usa/canada japan : on semiconductor, japan customer focus center 2?9?1 kamimeguro, meguro?ku, tokyo, japan 153?0051 phone : 81?3?5773?3850 mur1620ct/d switchmode is a trademark of semiconductor components industries, llc (scillc). literature fulfillment : literature distribution center for on semiconductor p.o. box 61312, phoenix, arizona 85082?1312 usa phone : 480?829?7710 or 800?344?3860 toll free usa/canada fax : 480?829?7709 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : http://onsemi.com order literature : http://www.onsemi.com/litorder for additional information, please contact your local sales representative.


▲Up To Search▲   

 
Price & Availability of MUR1615CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X